PART |
Description |
Maker |
MC7912ACD2T MC7912ACD2TR4 MC7912ACT MC7912BD2T MC7 |
1.0 A Negative Voltage Regulators 1A, 5V, Negative Voltage Regulator 1A, 5.2V, Negative Voltage Regulator 1A, 18V, Negative Voltage Regulator 1A, 15V, Negative Voltage Regulator 1A, 8V, Negative Voltage Regulator 1A, 12V, Negative Voltage Regulator 1A, 24V, Negative Voltage Regulator
|
http:// ONSEMI[ON Semiconductor]
|
IP1R1905-K IP1R1905-V IP1R19-15 IP3R19-15 IP3R19V- |
Voltage Regulator 12 V FIXED NEGATIVE REGULATOR, MBFM2 JT 79C 79#22D SKT PLUG 5 V FIXED NEGATIVE REGULATOR, MBFM2 SCREW LOCKS FEMALE 5安培固定负电压调节器 5 AMP FIXED NEGATIVE VOLTAGE REGULATORS 5安培固定负电压调节器 5 AMP FIXED NEGATIVE VOLTAGE REGULATORS 5 V FIXED NEGATIVE REGULATOR, MBFM2 Circular Connector; No. of Contacts:79; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:20; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:20-35 RoHS Compliant: No CISCO CONSOLE KIT Thick Film Resistor; Series:CRCW; Resistance:649ohm; Resistance Tolerance: /- 1 %; Power Rating:0.125W; Voltage Rating:150V; Temperature Coefficient: /-100 ppm; Package/Case:0805; Leaded Process Compatible:No
|
SEMELAB LTD TT electronics Semelab, Ltd. TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
TA79L015P TA79L006P TA79L018P TA79L024P TA79L008P |
Three-Terminal Negative Voltage Regulators -15V Three-Terminal Negative Voltage Regulators -6V Three-Terminal Negative Voltage Regulators -18V Three-Terminal Negative Voltage Regulators -24V Three-Terminal Negative Voltage Regulators -8V Three-Terminal Negative Voltage Regulators -5V Three-Terminal Negative Voltage Regulators -10V Three-Terminal Negative Voltage Regulators -9V Three-Terminal Negative Voltage Regulators -12V Three-Terminal Negative Voltage Regulators -20V
|
TOSHIBA
|
LM120AG/IG-05 LM7905AG LM7905ASMD-8QR-B LM7905AG-8 |
5 V FIXED NEGATIVE REGULATOR, MBFM2 Voltage Regulator 电压调节 1.5 AMP NEGATIVE VOLTAGE REGULATOR Analog IC 模拟IC
|
SEMELAB LTD Holt Integrated Circuits, Inc. Seme LAB TT electronics Semelab, Ltd.
|
IP137MHV-LCC4 IP137M IP137MA IP137MAHV IP137MAHV-L |
0.5A Adjustable Negative Voltage Regulator 0.5 AMP Negative Adjustable Voltage Regulator In Ceramic Surface Mount Package(0.5 A 璐??璋?ǔ???(?剁?琛ㄨ创灏??)) 0.5 AMP Negative Adjustable Voltage Regulator In Ceramic Surface Mount Package(0.5 A 负可调稳压器(陶瓷表贴封装))
|
SEME-LAB[Seme LAB] SemeLAB
|
NJM7900 NJM7900FA NJM7905FA NJM7918FA NJM7912FA NJ |
3-Terminal Negative Voltage Regulator(-8V锛?绔???靛?绋冲??? 3-TERMINAL NEGAYIVE VOLTAGE REGULATOR 3-Terminal Negative Voltage Regulator(-5V端负电压稳压 RING/HI-TEMP KRIMPTITE (C-U-128-10) Negative Fixed Voltage Regulator 负固定电压稳压器 3-Terminal Negative Voltage Regulator(-12V锛?绔???靛?绋冲???
|
NJRC[New Japan Radio] New Japan Radio Co., Ltd.
|
ADM12914-2ARQZ-RL7 ADM12914-1ARQZ |
±0.8% Accurate Quad UV/OV Positive/Negative Voltage Supervisor; Package: 16-QSOP (150mil); Temperature Range: -40°C to 125°C 4-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO16
|
Analog Devices, Inc. ANALOG DEVICES INC
|
LTC4214-1IMSPBF LTC4214-1IMSTRPBF LTC4214-2IMS LTC |
Negative Voltage Hot Swap Controllers; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO10 Negative Low Voltage Hot Swap Controllers 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO10 Negative Voltage Hot Swap Controllers; Package: MSOP; No of Pins: 10; Temperature Range: 0°C to 70°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
MSK5330-10 MSK5330-5.0E |
NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 10 V FIXED NEGATIVE LDO REGULATOR, 1.3 V DROPOUT, CBCC3 NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 5 V FIXED NEGATIVE LDO REGULATOR, 1.2 V DROPOUT, CBCC3
|
M.S. Kennedy, Corp.
|
MC7912CT-BP MC7907CT-BP MC7909CT-BP MC7905CT-BP MC |
VOLTAGE REG NEG 12V 1500MA TO220 12 V FIXED NEGATIVE REGULATOR, PSFM3 Three-Terminal Negative Voltage Regulators
|
Micro Commercial Components, Corp. Micro Commercial Compon...
|
5000 MSK5000TU MSK5000ZD MSK5000ZS MSK5000ZU MSK50 |
Dual positive/negative, 3A, low dropout fixed voltage regulator DUAL POSITIVE/NEGATIVE/ 3 AMP/ LOW DROPOUT FIXED VOLTAGE REGULATORS DUAL POSITIVE/NEGATIVE, 3 AMP, LOW DROPOUT FIXED VOLTAGE REGULATORS
|
ETC Electronic Theatre Controls, Inc. M.S. Kennedy Corp.
|